Electronic Components Datasheet Search
  English  ▼

X  

TC70CPA Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC70CPA
Description  MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC70CPA Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC70CPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5-13
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC70
TC71
Figure 5. Power Up/Down Slew Rate
Figure 6. Power Up/Down Reset Timing
Figure 7. Battery Backup (Power-Up)
Figure 8. Battery Backup (Power-Down)
3.0V
4.25V
VCC
tR
tF
RS
VOL
VOH
VCC
4.25V
tRST
tRPD
tPD
tR
VIH
VCC
VBATT- 0.2V
VIH
CEI
CEO
4.25V
3.0V
tF
tPD
VIL
VBATT-0.2V
VCC
CEI
4.25V
3.0V
CEO
MICROMASTER™ – SYSTEM SUPERVISOR
WITH POWER SUPPLY MONITOR, WATCHDOG
AND BATTERY BACKUP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com