Electronic Components Datasheet Search
  English  ▼

X  

TC7109A Datasheet(PDF) 21 Page - TelCom Semiconductor, Inc

Part # TC7109A
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109A Datasheet(HTML) 21 Page - TelCom Semiconductor, Inc

Back Button TC7109A Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 15Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 16Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 17Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 18Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 19Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 20Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 21Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
3-111
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7109A
B9–B12
POL, OR
B1-B8
LBEN
HBEN
8
6
ANALOG
IN
RUN/HOLD
SEND
MODE CE/
LOAD
+5V
TC7109A
B9–B12
POL, OR
B1–B8
LBEN
HBEN
8
6
8-BIT DATA BUS
ANALOG
IN
RUN/HOLD
SEND
MODE CE/
LOAD
+5V
TC7109A
B9–B12
POL, OR
B1–B8
LBEN
HBEN
8
6
ANALOG
IN
RUN/HOLD
SEND
MODE CE/
LOAD
+5V
TBRL DRR
GND
TBRE
RBR1–RBR8
SFD
TBR1–TBR8
SERIAL OUTPUT
SERIAL INPUT
6402 CMOS UART
23
Figure 21.
Handshake Interface for Multiplexed Converters
Integrating Converter Features
The output of integrating ADCs represents the integral,
or average, of an input voltage over a fixed period of time.
Compared with techniques in which the input is sampled and
held, the integrating converter averages the effects of noise.
A second important characteristic is that time is used to
quantize the answer, resulting in extremely small nonlinearity
errors and no missing output codes. The integrating con-
verter also has very good rejection of frequencies whose
periods are an integral multiple of the measurement period.
This feature can be used to advantage in reducing line
frequency noise (Figure 22).
30
20
10
0
0.1/t
1/t
10/t
INPUT FREQUENCY
t = MEASUREMENT
PERIOD
Figure 22. Normal Mode Rejection of Dual-Slope Converter as a
Function of Frequency
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com