Electronic Components Datasheet Search
  English  ▼

X  

FMMT4126 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT4126
Description  Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT4126 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT4126 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT4126 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-10µA,
-25
V
Collector-emitter breakdown voltage
V(BR)CEO IC=-1mA,
-25
V
Emitter-base breakdown voltage
V(BR)EBO IE=-10µA,
-4
V
Collector cutoff current
ICBO
VCE=-20V
-50
nA
Emitter cut-off current
IEBO
VEB=-3V
-50
nA
Collector-emitter saturation voltage *
VCE(sat)
IC=-50mA, IB=-5mA
-0.4
V
Base-emitter saturation voltage *
VBE(sat)
IC=-50mA, IB=-5mA
-0.95
V
DC current gain *
hFE
IC=-2mA, VCE=-1V
120
360
Current-gain-bandwidth product
fT
IC=-10mA, VCE=-20V f=100MHz
250
MHz
Output capacitance
Cobo
VCB=-5V, IE=0, f=140KHz
4.5
pF
Input capacitance
Cibo
VBE=-0.5V, IC=0, f=140KHz
10
pF
Noise figure
NF
VCE=-5V IC=-200µA,Rg=-2K
?
f=30Hz to 15KHz at -3dB points
4dB
Small signal current transfer
hfe
IC=-2mA, VCE=-1V, f=1KHz
120
180
Delay time
td
25
ns
Rise time
tr
18
ns
Storage time
ts
140
ns
Fall time
tf
15
ns
* Pulse test: tp
300 ìs; d
0.02.
VCC=-3V, IC=-10mA,IB1=-1mA
VBE(off)=-0.5V
VCC=-3V, IC=-10mA
IB1=IB2=-1mA
FMMT4126
Marking
Marking
ZE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com