Electronic Components Datasheet Search
  English  ▼

X  

2SC3929 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3929
Description  Silicon NPN Epitaxial Planar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3929 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3929 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Silicon NPN Epitaxial Planar
2SC3929
Features
Low noise voltage NV.
High forward current transfer ratio hFE.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
35
V
Collector-emitter voltage
VCEO
35
V
Emitter-base voltage
VEBO
5V
Collector current
IC
50
mA
Peak collector current
ICP
100
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
hFE Classification
Marking
SR
SS
ST
hFE
180
360
260
520
360
700
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
VCBO
IC =10ìA, IE =0
35
V
Collector-emitter voltage
VCEO
IC =2mA, IB =0
35
V
Emitter-base voltage
VEBO
IE =10ìA, IC =0
5
V
Base-emitter voltage
VBE
VCE =1V, IC = 100 mA
0.7
1.0
V
Collector-base cutoff current
ICBO
VCB =10V, IE =0
0.1
ìA
Collector-emitter cutoff current
ICEO
VCE =10V, IB =0
1
ìA
Forward current transfer ratio
hFE
VCE =5V, IC = 2 mA
180
700
Collector-emitter saturation voltage
VCE(sat) IC =100 mA, IB =10mA
0.6
V
Transition frequency
fT
VCB =5V, IE =?2mA, f = 200MHz
100
MHz
Noise voltage
NV
VCE =10V, IC =1mA, GV =80dB, Rg
=100 kÙ, Function =FLAT
150
mV


Similar Part No. - 2SC3929

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3929 PANASONIC-2SC3929 Datasheet
50Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC3929A PANASONIC-2SC3929A Datasheet
50Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SC3929A KEXIN-2SC3929A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar
logo
NXP Semiconductors
2SC3929A;TT;SOT-323 PHILIPS-2SC3929A;TT;SOT-323 Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
More results

Similar Description - 2SC3929

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
SILICON NPN EPITAXIAL PLANAR
logo
Renesas Technology Corp
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC994 ETC2-2SC994 Datasheet
134Kb / 2P
SILICON NPN EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS616 TOSHIBA-TPS616_07 Datasheet
209Kb / 6P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
Silicon NPN Epitaxial Planar
2SD2115 RENESAS-2SD2115 Datasheet
145Kb / 6P
Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com