Electronic Components Datasheet Search
  English  ▼

X  

FMMT449 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT449
Description  Medium Power Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT449 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT449 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Medium Power Transistor
FMMT449
Features
Low equivalent on-resistance.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5V
Peak collector current
ICM
2A
Collector current
IC
1A
Base current
IB
200
mA
Power dissipation
Ptot
500
mW
Operating and storage temperature range
Tj,Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=1mA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO IC=10mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO IE=100ìA,IC=0
5V
VCB=40V,IE=0
0.1
ìA
VCB=40V,TamB=100
10
ìA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
ìA
Collector-emitter saturation voltage *
VCE(sat)
IC=1A,IB=100mA
IC=2A,IB=200mA
0.5
1.0
V
Base-emitter saturation voltage *
VBE(sat) IC=1A,IB=100mA
1.25
V
Base-emitter voltage *
VBE(ON) IC=1A,VCE=2V
1.0
V
IC=50mA, VCE=2V*
70
IC=500mA, VCE=2V*
100
300
IC=1A, VCE=2V*
80
IC=2A, VCE=2V*
40
Current-gain-bandwidth product
fT
IC=50mA,VCE=10V,f=100MHz
150
MHz
Output capacitance
Cobo
VCB=10V,f=1MHz
15
pF
* Pulse width=300ìs. Duty cycle
2%
ICBO
Collector cutoff current
Static Forward Current Transfer Ratio
hFE
Marking
Marking
449


Similar Part No. - FMMT449

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT449 ZETEX-FMMT449 Datasheet
120Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT449 FAIRCHILD-FMMT449 Datasheet
194Kb / 6P
NPN Low Saturation Transistor
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
Shenzhen Jin Yu Semicon...
FMMT449 HTSEMI-FMMT449 Datasheet
365Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - FMMT449

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com