Electronic Components Datasheet Search
  English  ▼

X  

TC620HEOA Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC620HEOA
Description  5V, DUAL TRIP POINT TEMPERATURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC620HEOA Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC620HEOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC620HEOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC620HEOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC620HEOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC620HEOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC620HEOA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2-20
TELCOM SEMICONDUCTOR, INC.
TC620
TC621
5V, DUAL TRIP POINT
TEMPERATURE SENSORS
Figure 8. TC620 Heating/Cooling Application
TC620
1
2
3
4
8
7
6
5
TC4469
1
2
3
4
5
6
7
14
13
12
11
10
9
8
HIGH
TEMP
WARNING
HEATING/COOLING
EQUIPMENT
1k
1k
LOW
TEMP
WARNING
4.5V TO 18V
HIGH
TEMP
LOW
TEMP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com