Electronic Components Datasheet Search
  English  ▼

X  

TC7109CPL Datasheet(PDF) 19 Page - TelCom Semiconductor, Inc

Part # TC7109CPL
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109CPL Datasheet(HTML) 19 Page - TelCom Semiconductor, Inc

Back Button TC7109CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 20Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 21Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
3-109
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS
TC7109A
MODE
B9–B12
POL, OR
B1–B8
ANALOG
IN
CE/LOAD
GND
8
6
MC6800
OR
MCS650X
CONTROL
BUS
ADDRESS
BUS
HBEN
DATA
BUS
74C42
74C30
RUN/HOLD
+5V
LBEN
A0–A2
A15–A10
R/W, VMA
Figure 18. TC7109A Direct Interface to MC6800 Bus
TC7109A
B9–B12
POL, OR
B1–B8
CE/LOAD
SEND
RUN/HOLD
MODE
8
6
8255
(MODE 1)
RD WR
D7–D0
PC
A0–A1
CS
PA7–PA0
PC4
PC5
PC6
PC7
INTR
87C48
8008, 8080,
8085, 8048, ETC.
DATA BUS
CONTROL BUS
ADDRESS BUS
ANALOG
IN
STBA
PC3
IBFA
Figure 19. TC7109A Handshake Interface to MCS-48, -80, -85 Microcomputers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com