Electronic Components Datasheet Search
  English  ▼

X  

TC7135 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7135
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7135 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7135 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3-114
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: TA = +25°C, fCLOCK = 120 kHz, V+ = +5V, V– = –5V (Figure 1)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Analog
Display Reading With
Notes 2 and 3
–0.0000
±0.0000
+0.0000
Display
Zero Volt Input
Reading
TCZ
Zero Reading Temperature
VIN = 0V
—
0.5
2
µV/°C
Coefficient
Note 4
TCFS
Full-Scale Temperature
VIN = 2V
—
—
5
ppm/
°C
Coefficient
Notes 4 and 5
NL
Nonlinearity Error
Note 6
—
0.5
1
Count
DNL
Differential Linearity Error
Note 6
—
0.01
—
LSB
Display Reading in
VIN = VREF
+0.9996
+0.9999
+1.0000
Display
Ratiometric Operation
Note 2
Reading
±FSE
± Full-Scale Symmetry
–VIN = +VIN
—
0.5
1
Count
Error (Roll-Over Error)
Note 7
IIN
Input Leakage Current
Note 3
—
1
10
pA
VN
Noise
Peak-to-Peak Value Not
—
15
—
µVP-P
Exceeded 95% of Time
Digital
IIL
Input Low Current
VIN = 0V
—
10
100
µA
IIH
Input High Current
VIN = +5V
—
0.08
10
µA
VOL
Output Low Voltage
IOL = 1.6 mA
—
0.2
0.4
V
VOH
Output High Voltage
B1, B2, B4, B8, D1–D5
IOH = 1 mA
2.4
4.4
5
V
Busy, Polarity, Overrange,
IOH = 10 µA
4.9
4.99
5
V
Underrange, Strobe
fCLK
Clock Frequency
Note 8
0
120
1200
kHz
Power Supply
V+
Positive Supply Voltage
4
5
6
V
V–
Negative Supply Voltage
–3
–5
–8
V
I+
Positive Supply Current
fCLK = 0 Hz
—
1
3
mA
I–
Negative Supply Current
fCLK = 0 Hz
—
0.7
3
mA
PD
Power Dissipation
fCLK = 0 Hz
—
8.5
30
mW
NOTES:
1. Limit input current to under 100
µA if input
voltages exceed supply voltage.
2. Full-scale voltage = 2V.
3. VIN = 0V.
4. 0
°C ≤ TA ≤ +70°C.
ABSOLUTE MAXIMUM RATINGS* (Note 1)
Positive Supply Voltage ............................................. +6V
Negative Supply Voltage .............................................–9V
Analog Input Voltage (Pin 9 or 10) ......... V+ to V– (Note 2)
Reference Input Voltage (Pin 2) ........................... V+ to V–
Clock Input Voltage .............................................. 0V to V+
Operating Temperature Range .................... 0
°C to +70°C
Storage Temperature Range ................. –65
°C to +160°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ........................................................ 1.14W
PLCC ................................................................ 1.00W
Plastic Flat Package ......................................... 1.14W
*Static-sensitive device. Unused devices must be stored in conductive
material to protect them from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
5. External reference temperature coefficient less than 0.01 ppm/
°C.
6. –2V
≤ VIN ≤ +2V. Error of reading from best fit straight line.
7. |VIN| = 1.9959.
8. Specification related to clock frequency range over which the
TC7135 correctly performs its various functions. Increased errors
result at higher operating frequencies.
TC7135
4-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com