Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 94 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

XIO2000A Datasheet(HTML) 94 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button XIO2000A Datasheet HTML 90Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 91Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 92Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 93Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 94Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 95Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 96Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 97Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000A Datasheet HTML 98Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
Classic PCI Configuration Space
84
April 2007 Revised October 2008
SCPS155C
4.65 General Control Register
This read/write register controls various functions of the bridge. See Table 4−39 for a complete description
of the register contents.
PCI register offset:
D4h
Register type:
Read-only, Read/Write
Default value:
8206 C000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
1
0
0
0
0
0
1
0
0
0
0
0
0
1
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−39. General Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:30†
CFG_RETRY
_CNTR
RW
Configuration retry counter. Configures the amount of time that a configuration request must be retried
on the secondary PCI bus before it may be completed with configuration retry status on the PCI
Express side.
00 = 25
µs
01 = 1 ms
10 = 25 ms (default)
11 = 50 ms
29:28
RSVD
R
Reserved. Returns 00b when read.
27†
LOW_POWER
_EN
RW
Low-power enable. When this bit is set, the half-ampitude, no preemphasis mode for the PCI Express
TX drivers is enabled. The default for this bit is 0b.
26†
PCI_PM_
VERSION_
CTRL
RW
PCI power management version control. This bit controls the value reported in bits 2:0 (PM_VERSION)
in the power management capabilities register (offset 52h, see Section 4.32). It also controls the value
of bit 3 (NO_SOFT_RESET) in the power management control/status register (offset 54h, see Section
4.33).
0 = Version fields reports 010b and NO_SOFT_RESET reports 0b for Power Management 1.1
compliance (default)
1 = Version fields reports 011b and NO_SOFT_RESET reports 1b for Power Management 1.2
compliance
25†
STRICT_
PRIORITY_EN
RW
Strict priority enable. When this bit is set and bits 6:4 (LOW_PRIORITY_COUNT) in the port VC
capability register 1 (offset 154h, see Section 5.17) are 000b, meaning that strict priority VC arbitration
is used, the extended VC always receives priority over VC0 at the PCI Express port.
0 = The default LOW_PRIORITY_COUNT is 001b
1 = The default LOW_PRIORITY_COUNT is 000b (default)
24†
FORCE_MRM
RW
Force memory read multiple
0 = Memory read multiple transactions are disabled (default)
1 = All upstream memory read transactions initiated on the PCI bus are treated as though they
are memory read multiple transactions where prefetching is supported
23†
ASPM_CTRL_
DEF_OVRD
RW
Active state power management control default override. This bit determines the power-up default for
bits 1:0 (ASLPMC) of the link control register (offset A0h, see Section 4.53) in the PCI Express
capability structure.
0 = Power-on default indicates that active state power management is disabled (00b) (default)
1 = Power-on default indicates that active state power management is enabled for L0s and L1 (11b)
22:20†
POWER_
OVRD
RW
Power override. This bit field determines how the bridge responds when the slot power limit is less
than the amount of power required by the bridge and the devices behind the bridge.
000 = Ignore slot power limit (default)
001 = Assert the PWR_OVRD terminal
010 = Disable secondary clocks selected by the clock mask register
011 = Disable secondary clocks selected by the clock mask register and assert the PWR_OVRD
terminal
100 = Respond with unsupported request to all transactions except for configuration transactions
(type 0 or type 1) and set slot power limit messages
101, 110, 111 = Reserved
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com