Electronic Components Datasheet Search
  English  ▼

X  

2SD2198 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2198
Description  Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2198 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2198 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2198 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB = 40V , IE =0
0.1
mA
Emitter cutoff current
IEBO
VEB =4V , IC =0
0.1
mA
VCE =2V , IC = 1A
70
280
VCE =2V , IC =3A
30
Gain bandwidth product
fT
VCE =5V , IC =1A
30
MHz
Output capacitance
Cob
VCB = 10V , f = 1MHz
100
pF
Collector-emitter saturation voltage
VCE(sat) IC =3A , IB = 0.3A
0.4
V
Collector-to-base breakdown voltage
V(BR)CBO IC =1mA , IE =0
60
V
Collector-to-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
50
V
Emitter-base breakdown voltage
V(BR)EBO IE =1mA , IC =0
6
V
Turn-on time
ton
0.1
ìs
Storage time
tstg
1.4
ìs
Fall time
tf
0.2
ìs
DC current Gain
hFE
hFE Classification
Rank
Q
R
S
hFE
70
140
100
200
140
280
2SD2198



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com