Electronic Components Datasheet Search
  English  ▼

X  

TC7652 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC7652
Description  LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7652 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7652 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7652 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3-285
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 4 shows the clamp circuit of a zero-offset com-
parator. Because the clamp circuit requires the inverting
input to follow the input signal, problems with a chopper-
stabilized op amp are avoided. The threshold input must
tolerate the output clamp current
≈VIN/R without disrupting
other parts of the system.
Figure 5 shows how the TC7652 can offset-null high
slew-rate and wideband amplifiers.
Mixing the TC7652 with circuits operating at
±15V
requires a lower supply voltage divider with the TC7660
voltage converter circuit operated "backwards." Figure 6
shows an approximate connection.
Figure 6. Splitting +15V With the 7660 at >95% Efficiency
Figure 1. Noninverting Amplifier With Optional Clamp
Figure 2. Inverting Amplifier With Optional Clamp
Figure 5. 1437 Offset-Nulled by TC7652
2
45
3
8
TC
7660
6
10 µF
Ω
1 M
10 µF
+15V
+7.5V
0V
TC7652
+
–
OUTPUT
CLAMP
INPUT
0.1 µF
R2
R1
R3
0.1 µF
OUTPUT
INPUT
R2
R1
CLAMP
0.1 µF
0.1 µF
TC7652
+
–
+
–
+15V
–15V
–7.5V
0.1
µF
IN
OUT
–7.5V
0.1
µF
10 k
Ω
TC7652
741
Some Applications
Figures 1 and 2 show basic inverting and noninverting
amplifier circuits using the output clamping circuit to enhance
overload recovery performance. The only limitations on
replacing other op amps with the TC7652 are supply voltage
(
±8V maximum) and output drive capability (10kΩ load for
full swing). Overcome these limitations with a booster circuit
(Figure 3) to combine output capabilities of the LM741 (or
other standard device) with input capabilities of the TC7652.
These two form a composite device; therefore, when adding
the feedback network, monitor loop gain stability.
Figure 3. Using 741 to Boost Output Drive Capability
+
–
TC7652
OUT
IN
+
–
Ω
22 k
Ω
22 k
FAST
AMPLIFIER
Figure 4. Low Offset Comparator
TC7652
+
–
VOUT
CLAMP
VIN
0.1 µF
0.1 µF
200 k
Ω to 2 MΩ
VTH
LOW NOISE, CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
TC7652



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com