Electronic Components Datasheet Search
  English  ▼

X  

TC7660 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7660
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7660 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7660 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7660 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4-53
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7660
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 1)
500
450
400
200
150
100
50
0
–55
–25
0
+25
+50
+75 +100 +125
TEMPERATURE (
°C)
Output Source Resistance vs. Temperature
V + = +2V
V + = +5V
–25
0
+25
+75 +100 +125
12
10
8
6
4
2
+50
Operating Voltage vs. Temperature
–55
TEMPERATURE (
°C)
0
78
10k
1k
100
Ω
TA = +25°C
Output Source Resistance vs. Supply Voltage
6
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
OSCILLATOR FREQUENCY (Hz)
100
98
96
92
90
88
86
84
82
80
94
100
1k
10k
Power Conversion Eff. vs. Osc. Freq.
TEMPERATURE (
°C)
Unloaded Osc. Freq. vs. Temperature
20
–55
18
16
14
12
10
8
6
–25
0
+25 +50
+75 +100 +125
V+ = +5V
OSCILLATOR CAPACITANCE (pF)
10k
1
Freq. of Osc. vs. Ext. Osc. Capacitance
1k
100
10
10
100
1000
10k
IOUT = 1 mA
TA = +25°C
V+ = +5V
TA = +25°C
V+ = +5V
IOUT = 1 mA
IOUT = 15 mA
10
Ω
SUPPLY VOLTAGE RANGE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com