Electronic Components Datasheet Search
  English  ▼

X  

1SS367 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS367
Description  HIGH SPEED SWITCHING APPLICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS367 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS367 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
HIGH SPEED SWITCHING APPLICATION
1SS367
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
15
V
Reverse voltage
VR
10
V
Maximum (peak) forward current
IFM
200
mA
Average forward current
IO
100
mA
Surge current (10 ms)
IFSM
1A
Power dissipation
P(*)
200
mW
Junction Temperature
Tj
125
Storage Temperature range
Tst g
-55to+125
Operating temperature range
Topr
-40to+100
(*) Mounted on a glass epoxy circuit board of 20 * 20 mm, pad dimension of 4 * 4 mm.
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.18
VF(2)
IF = 5 mA
0.23
0.3
VF(3)
IF = 100 mA
0.35
0.5
Reverse current
IR
VR =10V
20
A
Total capacitance
Ct
VR = 0, f = 1.0 MHz
20
40
pF
V
Forward voltage
Marking
Marking
S4
Features
Small package:
:SC-70
Low forward voltage
:VF(3) =0.23V(Typ)@IF =5mA


Similar Part No. - 1SS367

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS367 TOSHIBA-1SS367 Datasheet
122Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATION)
1SS367 TOSHIBA-1SS367 Datasheet
215Kb / 3P
High Speed Switching Application
logo
SEMTECH ELECTRONICS LTD...
1SS367 SEMTECH_ELEC-1SS367 Datasheet
174Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Shenzhen Ping Sheng Ele...
1SS367 PFS-1SS367 Datasheet
215Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS367 TOSHIBA-1SS367_07 Datasheet
215Kb / 3P
High Speed Switching Application
More results

Similar Description - 1SS367

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
High Speed Switching Application
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
High Speed Switching Application
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
High Speed Switching Application
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
High speed switching application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com