Electronic Components Datasheet Search
  English  ▼

X  

BA591 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BA591
Description  Band-switching diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BA591 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BA591 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Band-switching diode
BA591
Features
Very small plastic SMD package
Low diode capacitance:max. 1.05 pF
Low diode forward resistance:max. 0.7
Small inductance.
E lec tric al C harac te ris tic s T a = 25
P a ra m e te r
S ym bol
C onditions
T yp
M ax
U n it
F o rw ard v olta ge
V F
IF =1 0 m A
1
V
R e v e rs e c u rre n t
IR
V R = 2 0 V
20
nA
f= 1 M H z ;n o te 1
V R = 1 V
0 .8
1.05
pF
V R = 3 V
0 .6 5
0 .9
p F
f = 100 M H z ; note 1
IF = 3 m A
0.45
0.7
IF = 1 0 m A
0 .3 6
0 .5
R e v e rs e res is ta nc e
1 /g p
V R = 1 V ; f = 100 M H z
100
K
S e ries in duc tanc e
Ls
2
n H
No te
1.G u arante ed on A Q L b as is ; ins pec tio n lev el S 4 , A Q L 1.0.
D iode c apac itanc e
C d
rD
D io d e fo rw a rd re sista n ce
Marking
Marking
A1
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
30
V
Continuous forward current
IF
100
mA
Total power dissipation
Ptot
Ts = 90
500
mW
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
-65
+150
thermal resistance from junction to soldering point
Rth j-s
120
K/W


Similar Part No. - BA591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA591 PHILIPS-BA591 Datasheet
52Kb / 8P
Band-switching diode
1998 Aug 31
BA591 NXP-BA591 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Rohm
BA5912 ROHM-BA5912 Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA5912BFP ROHM-BA5912BFP Datasheet
299Kb / 7P
Power Driver For CD-ROM
More results

Similar Description - BA591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com