Electronic Components Datasheet Search
  English  ▼

X  

1SS314 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS314
Description  VHF TUNER BAND SWITCH APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS314 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS314 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1SS314 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
VHF TUNER BAND SWITCH APPLICATIONS
1SS314
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Features
Small packag
Small Total capacitance: CT = 1.2pF(Max.)
Low series resistance: rs =0.5
(Typ.)
A b s o lu te M a x im u m R atings T a = 2 5
P a ra m e te r
S y m bol
R a ting
U n it
R e v e rs e V oltage
V R
30
V
F o rw ard C urrent
IF
100
m A
J unc tion te m p erature
T J
125
S torage tem perature range
T stg
-5 5 to + 125
E lectrical C haracte ristics T a = 25
P a ra m e te r
S ym bol
C onditions
M in
T yp
M a x
U nit
F o rw ard voltage
V F
IR = 2 m A
0.85
V
R e ve rse cu rre n t
IR
V R =1 5 V
0 .1
A
R e ve rse voltage
V R
V R =1
A
30
V
T o ta l capacitance
C T
V R= 6 V ,f= 1M H z
0.7
1 .2
pF
S e ries re sistance
rs
IF = 2 mA , f = 1 0 0 MH z
0.5
0.9
Marking
Marking
TY


Similar Part No. - 1SS314

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS314 TOSHIBA-1SS314 Datasheet
95Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
1SS314 TOSHIBA-1SS314 Datasheet
213Kb / 3P
VHF Tuner Band Switch Applications
logo
SEMTECH ELECTRONICS LTD...
1SS314 SEMTECH_ELEC-1SS314 Datasheet
283Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
logo
NXP Semiconductors
1SS314 NXP-1SS314 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Dongguan Pingjingsemi T...
1SS314 PJSEMI-1SS314 Datasheet
470Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - 1SS314

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS114E KEC-KDS114E Datasheet
80Kb / 2P
VHF TUNER BAND SWITCH APPLICATIONS
logo
Toshiba Semiconductor
1SS268 TOSHIBA-1SS268_01 Datasheet
126Kb / 3P
VHF TUNER BAND SWITCH APPLICATIONS
1SS312 TOSHIBA-1SS312_01 Datasheet
123Kb / 3P
VHF TUNER BAND SWITCH APPLICATIONS
1SS313 TOSHIBA-1SS313_01 Datasheet
123Kb / 3P
VHF TUNER BAND SWITCH APPLICATIONS
1SS381 TOSHIBA-1SS381_07 Datasheet
219Kb / 3P
VHF Tuner Band Switch Applications
1SV307 TOSHIBA-1SV307_07 Datasheet
194Kb / 3P
VHF Tuner Band Switch Applications
1SV308 TOSHIBA-1SV308_07 Datasheet
199Kb / 3P
VHF Tuner Band Switch Applications
logo
Guangdong Kexin Industr...
1SV307 KEXIN-1SV307 Datasheet
32Kb / 1P
VHF TUNER BAND SWITCH APPLICATIONS
1SS268 KEXIN-1SS268 Datasheet
34Kb / 1P
VHF TUNER BAND SWITCH APPLICATIONS
1SS313 KEXIN-1SS313 Datasheet
43Kb / 1P
VHF TUNER BAND SWITCH APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com