Electronic Components Datasheet Search
  English  ▼

X  

1SS271 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS271
Description  VHF~UHF MIXER APPLICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS271 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS271 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
VHF~UHF MIXER APPLICATION
1SS271
Features
Small Delat forward voltage:ÄVF =10mV(Max)
Small Delat total capacitance: ÄCT = 0.1pF(Max)
A b s o lu te M a x im u m R atings T a = 2 5
P a ra m e te r
S y m bol
R a ting
U n it
R e v e rs e V oltage
V R
6V
F o rw ard C urrent
IF
30
m A
J unc tion te m perature
T J
125
S torage te m perature range
T stg
-5 5to+ 1 2 5
Marking
Marking
BD
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse voltage
VR
IR =1 ìA
6
V
Reverse current
IR
VR =15 V
0.5
A
IF =0.1 mA
0.3
IF = 10 mA
0.42
0.5
0.55
Total capacitance
CT
VR=0 V,f=1MHz
0.8
1.0
pF
Delat forward voltage
ÄVF
IF = 10 mA (Note 1)
10
mV
Delat total capacitance
ÄCT
VR=0 V,f=1MHz (Note 1)
0.1
pF
Note
Difference between 2 Devices in 1 package
Forward voltage
VF
V


Similar Part No. - 1SS271

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS271 TOSHIBA-1SS271 Datasheet
101Kb / 2P
DIODE (VHF~UHF MIXER APPLICATION)
1SS271 TOSHIBA-1SS271 Datasheet
129Kb / 3P
VHF~UHF MIXER APPLICATION
1SS271 TOSHIBA-1SS271_01 Datasheet
129Kb / 3P
VHF~UHF MIXER APPLICATION
More results

Similar Description - 1SS271

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5030A PHILIPS-TDA5030A Datasheet
52Kb / 6P
TV VHF mixer/oscillator UHF preamplifier
June 1986
logo
Toshiba Semiconductor
1SS271 TOSHIBA-1SS271 Datasheet
101Kb / 2P
DIODE (VHF~UHF MIXER APPLICATION)
TA4100F TOSHIBA-TA4100F Datasheet
153Kb / 4P
UHF VHF RF, MIX APPLICATION
TA4101F TOSHIBA-TA4101F Datasheet
140Kb / 4P
UHF VHF MIX APPLICATION
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS365 SANYO-1SS365 Datasheet
50Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
logo
Toshiba Semiconductor
1SS271 TOSHIBA-1SS271_01 Datasheet
129Kb / 3P
VHF~UHF MIXER APPLICATION
logo
Guangdong Kexin Industr...
1SS375 KEXIN-1SS375 Datasheet
44Kb / 1P
VHF,UHF Detector and Mixer Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com