Electronic Components Datasheet Search
  English  ▼

X  

BUV46 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BUV46
Description  POWER TRANSISTORS(6A,400-450V,70W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BUV46 Datasheet(HTML) 1 Page - Mospec Semiconductor

  BUV46 Datasheet HTML 1Page - Mospec Semiconductor BUV46 Datasheet HTML 2Page - Mospec Semiconductor BUV46 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BUV46

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
Jan-1999
logo
Advanced Analogic Techn...
BUV46 ANALOGICTECH-BUV46 Datasheet
74Kb / 1P
POWER TRANSISTORS
logo
Savantic, Inc.
BUV46 SAVANTIC-BUV46 Datasheet
96Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUV46 ISC-BUV46 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUV46 SAVANTIC-BUV46 Datasheet
97Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV46

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
POWER TRANSISTORS(10A,70W)
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
BUW12 MOSPEC-BUW12 Datasheet
91Kb / 2P
POWER TRANSISTORS(8A,400-450V,125W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
POWER TRANSISTORS(15A,400-450V,175W)
BUX84 MOSPEC-BUX84 Datasheet
102Kb / 2P
POWER TRANSISTORS(2A,400-450V,40W)
MJ16006 MOSPEC-MJ16006 Datasheet
223Kb / 4P
POWER TRANSISTORS(8A,450V,150W)
MJE13070 MOSPEC-MJE13070 Datasheet
182Kb / 4P
POWER TRANSISTORS(5A,400-450V,80W)
MJE16002 MOSPEC-MJE16002 Datasheet
190Kb / 4P
POWER TRANSISTORS(5A,450V,80W)
MJH16002 MOSPEC-MJH16002 Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,450V,100W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com