Electronic Components Datasheet Search
  English  ▼

X  

TC7116ACPL Datasheet(PDF) 14 Page - TelCom Semiconductor, Inc

Part # TC7116ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116ACPL Datasheet(HTML) 14 Page - TelCom Semiconductor, Inc

Back Button TC7116ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7116ACPL Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
3-216
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A
TP2
TP5
100
k
Ω
TP1
24 k
Ω
1 k
Ω
0.1
µF
TP3
0.01
µF
+
IN
–
0.22
µF
DISPLAY
DISPLAY
100
pF
+5V
Ω
1 M
–5V
Ω
150 k
0.47
µF
TC7117
TC7117A
40
TP
4
30
35
21
20
10
1
47
k
Ω
1N4001
1.5
Ω, 1/4W
Figure 18. Diode or Resistor Limits Package Power Dissipation
Figure 17. TC7117/TC7117A Output Current vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com