Electronic Components Datasheet Search
  English  ▼

X  

BA782 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BA782
Description  Bandswitching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BA782 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BA782 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Bandswitching Diodes
BA782; BA783
A b solu te M a xim u m R atin gs T a = 2 5
P a ra m e te r
S y m bol
V alue
U n it
R e v e rs e V olta ge
V R
35
V
F o rw ard C ontinuous C urre nt at T a m b = 2 5
IF
100
m A
Junction T e m p erature
T j
125
S torage T e m p erature R ange
T S
-5 5to+ 1 5 0
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
M in
T y p
M a x
U nit
F o rw ard V oltage at IF = 100 m A
V (B R )
1V
Leakage C u rrent at V R =2 0 V
IR
50
nA
D y nam ic F o rw ard R esis ta nce
at f = 50 to 1000 M H z , IF = 3 m A
B A 782
0.7
B A 783
1.2
at f = 50 to 1000 M H z , IF = 1 0 m A
B A 782
0.5
B A 783
0.9
C apacitance
at V R = 1 V ,f= 1 M H z
1.5
at V R = 3 V , f = 1 M H z
B A 782
1.25
B A 783
1.2
S e ries In ducta nce a cross C ase
L s
2 .5
nH
C to t
pF
rf
Features
Silicon Epitaxial Planar Diode Switches
For high-speed switching application and TV tuners in the frequency range
of 50
1000 MHz. The dynamic for ward resistance is constant and very small
over a wide range of frequency and forward current.The reverse capacitance is
also small and largely independent of the reverse voltage.
These diodes are also available in SOD-323 case with the type designations
BA782S and BA783S.


Similar Part No. - BA782

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BA782 GE-BA782 Datasheet
81Kb / 2P
Bandswitching Diodes
logo
SEMTECH ELECTRONICS LTD...
BA782 SEMTECH_ELEC-BA782 Datasheet
329Kb / 3P
Band Switching Diode
logo
Vishay Siliconix
BA782 VISHAY-BA782 Datasheet
75Kb / 3P
Band Switching Diodes
25-Feb-13
logo
SEMTECH ELECTRONICS LTD...
BA782 SEMTECH_ELEC-BA782 Datasheet
545Kb / 3P
Band Switching Diode
logo
Vishay Siliconix
BA782-G VISHAY-BA782-G Datasheet
77Kb / 3P
Band Switching Diodes
14-May-14
More results

Similar Description - BA782

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCD010 SANYO-DCD010 Datasheet
20Kb / 2P
Diodes
logo
General Semiconductor
BA782 GE-BA782 Datasheet
81Kb / 2P
Bandswitching Diodes
BA782S GE-BA782S Datasheet
81Kb / 2P
Bandswitching Diodes
logo
Rohm
UMD3 ROHM-UMD3 Datasheet
44Kb / 1P
Diodes
logo
Diodes Incorporated
1S955 DIODES-1S955 Datasheet
54Kb / 1P
DIODES
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com