Electronic Components Datasheet Search
  English  ▼

X  

1SS123 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS123
Description  SILICON SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS123 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS123 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
SILICON SWITCHING DIODE
1SS123
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
70
V
DC Reverse Voltage
VR
70
V
Peak Reverse Voltage
IFM
200
mA
Average Rectified Current
IO
100
mA
DC Forward Current
IF
100
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 to+ 150
Junction to Ambient*
R
1.0
/mW
Junction to Ambient
R
0.67
/mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF = 1.0 mA
600
715
IF = 10 mA
750
855
IF = 50 mA
855
1100
IF = 100 mA
900
1300
Reverse current
IR
VR =70V
1.0
A
Capacitance
Ct
VR =0,f=1.0 MHz
2.5
4.0
pF
Reverse recovery time
trr
IF = 100 mA,VR =1V,RL = 100
9.0
ns
Forward recovery voltage
Vfr
IF = 100 mA
1.75
V
mV
VF
Continuous reverse voltage
Marking
Marking
A7
Features
Low capacitance: Ct =4.0 pF MAX
High speed switching: trr =9.0 ns MAX.
Wide applications including switching,limitter,clipper.
Double diode configuration assures economical use.


Similar Part No. - 1SS123

ManufacturerPart #DatasheetDescription
logo
NEC
1SS123 NEC-1SS123 Datasheet
206Kb / 4P
SILICON SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS123 SUNMATE-1SS123 Datasheet
223Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Renesas Technology Corp
1SS123 RENESAS-1SS123 Datasheet
368Kb / 6P
SILICON SWITCHING DIODE
1985
More results

Similar Description - 1SS123

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
Silicon Switching Diode
Jan-30-2003
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
SILICON SWITCHING DIODE
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
Silicon switching diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com