Electronic Components Datasheet Search
  English  ▼

X  

1SS337 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS337
Description  ULTRA HIGH SPEED SWITCHING APPLICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS337 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS337 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
ULTRA HIGH SPEED SWITCHING APPLICATION
1SS337
Features
Small package
Low forward voltage: VF3 = 0.88V(Typ).
Fast reverse recovery time: trr = 6ns(Typ).
Small total capacitance
: CT = 1.6pF(Typ).
A bsolute M axim um R atings T a = 25
P aram eter
S ym bol
R ating
U nit
M axim um (P eak) R everse V oltage
V RM
85
V
R everse V oltage
V R
80
V
M axim um (P eak) F orward C urrent
IFM
600*
m A
A verage R ectified C urrent
IO
200*
m A
S urge C urrent (10 m s)
IFSM
6*
A
P ower D issipation
P
150
m W
Junction T em perature
T j
150
S torage T em perature R ange
T stg
-55 to +150
* U nit R ating.T otal R ating = U nit R ating
1.5
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF =10mA
0.66
IF = 100 mA
0.8
IF = 200 mA
0.88
1.2
IR
VR = 30 V
0.25
IR
VR =80V
0.5
capacitance
Ct
VR = 0, f = 1.0 MHz
1.6
pF
Reverse recovery time
trr
IF = 30 mA
6
20
ns
Continuous reverse voltage
VF
V
Reverse current
A
Marking
Marking
J9


Similar Part No. - 1SS337

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS337 TOSHIBA-1SS337 Datasheet
150Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS337 TOSHIBA-1SS337 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
1SS337 TOSHIBA-1SS337_07 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
More results

Similar Description - 1SS337

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS181LT1 LRC-L1SS181LT1 Datasheet
74Kb / 3P
Ultra High Speed Switching Application
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181_07 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
1SS193 TOSHIBA-1SS193_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
1SS196 TOSHIBA-1SS196_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
1SS337 TOSHIBA-1SS337_07 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
1SS360 TOSHIBA-1SS360_07 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
1SS361 TOSHIBA-1SS361_07 Datasheet
217Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
1SS226TE85LF TOSHIBA-1SS226TE85LF Datasheet
180Kb / 3P
Ultra High Speed Switching Application
logo
Leshan Radio Company
L1SS181LT1G LRC-L1SS181LT1G_15 Datasheet
69Kb / 3P
Ultra High Speed Switching Application
logo
Nanjing International G...
BAV74 DGNJDZ-BAV74 Datasheet
92Kb / 2P
Ultra high speed switching application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com