Electronic Components Datasheet Search
  English  ▼

X  

LT1995CDD Datasheet(PDF) 13 Page - Linear Technology

Part # LT1995CDD
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995CDD Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1995CDD Datasheet HTML 9Page - Linear Technology LT1995CDD Datasheet HTML 10Page - Linear Technology LT1995CDD Datasheet HTML 11Page - Linear Technology LT1995CDD Datasheet HTML 12Page - Linear Technology LT1995CDD Datasheet HTML 13Page - Linear Technology LT1995CDD Datasheet HTML 14Page - Linear Technology LT1995CDD Datasheet HTML 15Page - Linear Technology LT1995CDD Datasheet HTML 16Page - Linear Technology LT1995CDD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1995
1995fb
APPLICATIO S I FOR ATIO
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 1.00
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 2.00
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 3.00
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 1.33
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 4.00
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 5.00
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 7.00
REF
1995 F01
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 6.00
REF
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VIN
–
VIN
+
VOUT
VREF
–V
+V
6
4
5
7
LT1995
G = 1.67
REF
Figure 1. Difference (and Inverting) Amplifier Configurations
Table 1. Pin Use, Input Range, Input Resistance, Bandwidth in Difference Amplifier Configuration
GAIN
1
2
3
4
5
6
7
Use of P1/M1
VIN
Open
VIN
Open
VIN
Open
VIN
Use of P2/M2
Open
VIN
VIN
Open
Open
VIN
VIN
Use of P4/M4
Open
Open
Open
VIN
VIN
VIN
VIN
Positive Input Range: VREF = 0V, VS = ±15V
±15V
±15V
±15V
±15V
±15V
±15V
±15V
Positive Input Range: VREF = 0V, VS = ±5V
±5V
±4.88V
±4.33V
±4.06V
±3.9V
±3.79V
±3.71V
Positive Input Range: VREF = 0V, VS = ±2.5V
±1.5V
±1.13V
±1V
±0.94V
±0.9V
±0.88V
±0.86V
Positive Input Resistance
8k
6k
5.33k
5k
4.8k
4.67k
4.57k
Minus Input Resistance
4k
2k
1.33k
1k
800
Ω
667
Ω
571
Ω
Ref Input Resistance
8k
6k
5.33k
5k
4.8k
4.67k
4.57k
Input Common Mode Resistance, VREF = 0V
4k
3k
2.67k
2.5k
2.4k
2.33k
2.29k
Input Differential Mode Resistance, VREF = 0V
8k
4k
2.67k
2k
1.6k
1.33k
1.14k
–3dB Bandwidth
32MHz
27MHz
27MHz
23MHz
18MHz
16MHz
15MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com