Electronic Components Datasheet Search
  English  ▼

X  

1SS396 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS396
Description  LOW VOLTAGE HIGH SPEED SWITCHING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS396 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS396 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
LOW VOLTAGE HIGH SPEED SWITCHING
1SS396
Features
Small package
Low forward voltage :VF =0.23V(Typ).
Low reverse current: IR =5
A(Max.)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Maximum(Peak) Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Maximum(Peak) Forward Current
IFM
300*
mA
Average Rectified Current
IO
100*
mA
Surge Current (10 ms)
IFSM
1*
A
Power Dissipation
P
150
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55to+125
Poerating Temperature
Topr
-40to+100
* Unit Rating.Total Rating = Unit Rating
0.7
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF = 1 mA
0.28
IF =10 mA
0.36
IF = 100 mA
0.54
0.6
Reverse current
IR
VR =40V
5
A
Total capacitance
CT
VR = 0, f = 1.0 MHz
18
25
pF
Continuous reverse voltage
VF
V
Marking
Marking
T9


Similar Part No. - 1SS396

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS396 TOSHIBA-1SS396 Datasheet
122Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
07-May-1997
1SS396 TOSHIBA-1SS396_07 Datasheet
199Kb / 3P
Low Voltage High Speed Switching
1SS396 TOSHIBA-1SS396_15 Datasheet
326Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS396

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS294 TOSHIBA-1SS294_07 Datasheet
197Kb / 3P
Low Voltage High Speed Switching
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
1SS383 TOSHIBA-1SS383_07 Datasheet
172Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS294 KEXIN-1SS294 Datasheet
34Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS357 KEXIN-1SS357 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS393 KEXIN-1SS393 Datasheet
44Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS294T5LFT TOSHIBA-1SS294T5LFT Datasheet
191Kb / 3P
Low Voltage High Speed Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com