Electronic Components Datasheet Search
  English  ▼

X  

BA885 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BA885
Description  Silicon PIN Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BA885 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BA885 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PIN Diode
BA885
Features
Current-controlled RF resistor for switching and attenuating applications
Frequency range 1 MHz
2GHz
Especially useful as antenna switch in TV-sat tuners
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S ym bol
V alue
U n it
Re ve rs e V o lta g e
V R
50
V
F o rw a rd C u rre n t
IF
50
m A
O peratin g tem pera tu re ra nge
T op
-5 5 to + 1 2 5
S torage tem pera tu re ra nge
T stg
-5 5 to + 1 5 0
Junction am bient
1)
R thJA
450
K/W
No te :
1. P a ckage m o unte d o n a lu m ina 15 m m
16.7 m m
0 .7 mm.
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IF =50mA
1.1
V
Reverse Current
IR
VR = 30 V
50
nA
VR = 10 V, f = 1 MHz
0.28
0.6
VR = 0 V, f = 100 MHz
0.23
0.4
f = 100 MHz
IF =1.5 mA
22
40
IF =10mA
5
7
Zero bias conductance
gp
VR = 0 V,f= 100 MHz
70
S
Series inductance
LS
2nH
pF
Diode capacitance
CT
Forward resistance
rf
Marking
Marking
PA


Similar Part No. - BA885

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA885 SIEMENS-BA885 Datasheet
37Kb / 2P
Silicon PIN Diode
logo
Infineon Technologies A...
BA885 INFINEON-BA885 Datasheet
471Kb / 5P
Silicon PIN Diode
Apr-06-2004
BA885 INFINEON-BA885 Datasheet
114Kb / 10P
Silicon PIN Diode
2007-04-19
BA885 INFINEON-BA885 Datasheet
986Kb / 11P
Current-controlled RF resistor for switching and attenuating applications
2014-02-11
More results

Similar Description - BA885

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com