Electronic Components Datasheet Search
  English  ▼

X  

LT3012B Datasheet(PDF) 1 Page - Linear Technology

Part # LT3012B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012B Datasheet(HTML) 1 Page - Linear Technology

  LT3012B Datasheet HTML 1Page - Linear Technology LT3012B Datasheet HTML 2Page - Linear Technology LT3012B Datasheet HTML 3Page - Linear Technology LT3012B Datasheet HTML 4Page - Linear Technology LT3012B Datasheet HTML 5Page - Linear Technology LT3012B Datasheet HTML 6Page - Linear Technology LT3012B Datasheet HTML 7Page - Linear Technology LT3012B Datasheet HTML 8Page - Linear Technology LT3012B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3012B
3012bf
■ Wide Input Voltage Range: 4V to 80V
■
Low Quiescent Current: 40
µA
■ Low Dropout Voltage: 400mV
■ Output Current: 250mA
■
No Protection Diodes Needed
■ Adjustable Output from 1.24V to 60V
■ Stable with 3.3
µF Output Capacitor
■
Stable with Aluminum, Tantalum or Ceramic
Capacitors
■ Reverse-Battery Protection
■
No Reverse Current Flow from Output to Input
■ Thermal Limiting
■ Thermally Enhanced 16-Lead TSSOP and 12-Pin
(4mm
× 3mm) DFN Packages
250mA, 4V to 80V
Low Dropout
Micropower Linear Regulator
5V Supply
Dropout Voltage
The LT
®3012B is a high voltage, micropower low dropout
linear regulator. The device is capable of supplying 250mA
of output current with a dropout voltage of 400mV. De-
signed for use in battery-powered or high voltage sys-
tems, the low quiescent current (40
µA operating) makes
the LT3012B an ideal choice. Quiescent current is also well
controlled in dropout.
Other features of the LT3012B include the ability to oper-
ate with very small output capacitors. The regulators are
stable with only 3.3
µF on the output while most older
devices require between 10
µF and 100µF for stability.
Small ceramic capacitors can be used without any need for
series resistance (ESR) as is common with other regula-
tors. Internal protection circuitry includes reverse-battery
protection, current limiting, thermal limiting and reverse
current protection.
The device is available with an adjustable output with a
1.24V reference voltage. The LT3012B regulator is avail-
able in the 16-lead TSSOP and 12 pin low profile (0.75mm)
(4mm
× 3mm) DFN packages with an exposed pad for
enhanced thermal handling capability.
■ Low Current High Voltage Regulators
■ Regulator for Battery-Powered Systems
■ Telecom Applications
■ Automotive Applications
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1
µF
VIN
5.4V TO
80V
3012B TA01
VOUT
5V
250mA
3.3
µF
750k
249k
IN
LT3012B
OUT
ADJ
GND
OUTPUT CURRENT (mA)
0
250
300
400
350
200
3012B TA02
200
150
50
100
150
250
100
50
0


Similar Part No. - LT3012B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012B LINER-LT3012B Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3012B LINER-LT3012B Datasheet
220Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT3012B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
250mA, 4V to 80V Low Dropout Micropower
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com