Electronic Components Datasheet Search
  English  ▼

X  

TC850CPL Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC850CPL
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CPL Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC850CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
3-82
TELCOM SEMICONDUCTOR, INC.
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER
TC850
Figure 2A. Dual-Slope ADC Cycle
Figure 2B. "Fast-Slow" Reference Deintegrate Cycle
additional 6 bits of resolution. The result is 15 bits of
resolution achieved with only 29 +26 (512 + 64, or 576) clock
pulses for deintegration. A complete conversion cycle occu-
pies only 1280 clock pulses.
In order to generate "fast-slow" integration phases, two
voltage references are required. The primary reference
(VREF1) is set to one-half of the full-scale voltage (typically
VREF1 = 1.6384V, and VFS = 3.2768V). The secondary
voltage reference (VREF2) is set to VREF1/64 (typically 25.6
mV). To maintain 15-bit linearity, a tolerance of 0.5% for
VREF2 is recommended.
ANALOG SECTION DESCRIPTION
The TC850 analog section consists of an input buffer
amplifier, integrator amplifier, comparator, and analog
switches. A simplified block diagram is shown in Figure 3.
Conversion Timing
Each conversion consists of three phases: (1) Zero
Integrator, (2) Signal Integrate, and (3) Reference Integrate
(or Deintegrate). Each conversion cycle requires 1280 inter-
nal clock cycles (Figure 4).
Figure 3. Analog Section Simplified Schematic
AUTO
ZERO
0V
INTEGRATOR
OUTPUT
END OF
CONVERSION
REFERENCE
DEINTEGRATE
SIGNAL
INTEGRATE
TIME
AUTO
ZERO
0V
INTEGRATOR
OUTPUT
END OF
CONVERSION
"SLOW" REFERENCE
DEINTEGRATE
(6-BIT RESOLUTION)
"FAST" REFERENCE
DEINTEGRATE
(9-BIT RESOLUTION)
SIGNAL
INTERGRATE
TIME
CREF1
REF1–
RINT
INTIN
INTOUT
CINT
INT
INT
INT
BUFFER*
BUFF
INTEGRATOR*
COMPARATOR*
TO
DIGITAL
SECTION
DE1
(+)
DE
DE
DE
Z1
DE
DE1
(+)
DE1
(–)
DE1
(–)
DE2
(+)
DE2
(–)
DE1
(+)
DE1
(–)
COMMON
C REF1
+
C REF1
–
C REF2
–
C REF2
–
C REF2
REF2+
+
IN
+
IN
–
REF1
+
–
+
–
+
–
TC850
*AUTO-ZEROED
AMPLIFIERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com