Electronic Components Datasheet Search
  English  ▼

X  

1SS303 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS303
Description  HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS303 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS303 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
1SS303
Features
Low capacitance: Ct = 2.5 pF TYP.
High speed switching: trr = 4.0 ns MAX.
Wide applications including switching, limitter, clipper.
Double diode configuration assures economical use.
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
R a ting
U n it
P eak R e v e rs e V oltage
V RM
75
V
D C R e v e rs e V oltage
V R
50
V
S u rg e C urrent (1
s) N o te 1
IFS M
6.0
A
S u rg e C urrent (1
s)
IFS M
4.0
A
P eak F o rw ard C urrent N o te 1
IFM
450
m A
P eak F o rw ard C urrent
IFM
300
m A
A v erage R e ctifie d C urrent (N ote 1 )
IO
150
m A
A v erage R e ctifie d C urrent
IO
100
m A
Junction T e m perature
T j
150
S torage T e m perature R ange
T stg
-5 5to+ 1 5 0
Junction to A m bient (N ote 1 )
R th ( j-a )
1.0
/m W
Junction to A m bient
R th ( j-a )
0.85
/m W
No te
1.B o th diodes loaded sim u ltaneously .
Marking
Marking
A4
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.72
1.0
VF(2)
IF = 50 mA
0.88
1.1
VF(3)
IF = 100 mA
1.0
1.2
Reverse current
IR(1)
VR =50V
0.1
A
Capacitance
Ct
VR = 0, f = 1.0 MHz
2.5
4.0
pF
Reverse recovery time
trr
4.0
ns
V
Forward voltage


Similar Part No. - 1SS303

ManufacturerPart #DatasheetDescription
logo
NEC
1SS303 NEC-1SS303 Datasheet
56Kb / 4P
SILICON SWITCHING DIODES
logo
Renesas Technology Corp
1SS303 RENESAS-1SS303 Datasheet
220Kb / 6P
SILICON SWITCHING DIODE
1987
More results

Similar Description - 1SS303

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SS304 KEXIN-1SS304 Datasheet
45Kb / 1P
HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
logo
SEMTECH ELECTRONICS LTD...
BAV99W SEMTECH_ELEC-BAV99W Datasheet
311Kb / 2P
HIGH-SPEED DOUBLE SWITCHING DIODE
BAW56 SEMTECH_ELEC-BAW56 Datasheet
169Kb / 2P
HIGH SPEED DOUBLE SWITCHING DIODE
logo
NXP Semiconductors
PMBD7000-215 NXP-PMBD7000-215 Datasheet
281Kb / 12P
Double high-speed switching diode
Rev. 4-16 September 2010
PMBD7000 PHILIPS-PMBD7000_15 Datasheet
281Kb / 12P
Double high-speed switching diode
Rev. 4-16 September 2010
logo
Bruckewell Technology L...
1SS355 BWTECH-1SS355 Datasheet
397Kb / 5P
SILICON EPITAXIAL HIGH SPEED SWITCHING DIODE
logo
Nexperia B.V. All right...
BAV70-Q NEXPERIA-BAV70-Q Datasheet
207Kb / 11P
High-speed switching double diode
14 June 2021
BAV70S-Q NEXPERIA-BAV70S-Q Datasheet
213Kb / 11P
High-speed switching double diode
14 June 2021
BAV70W-Q NEXPERIA-BAV70W-Q Datasheet
205Kb / 11P
High-speed switching double diode
14 June 2021
PMBD7000 NEXPERIA-PMBD7000 Datasheet
383Kb / 13P
Double high-speed switching diode
Rev. 4 - 16 September 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com