Electronic Components Datasheet Search
  English  ▼

X  

1SS322 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS322
Description  LOW VOLTAGE HIGH SPEED SWITCHING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS322 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS322 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
LOW VOLTAGE HIGH SPEED SWITCHING
1SS322
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.28
VF(2)
IF =10 mA
0.36
VF(3)
IF = 100 mA
0.54
0.60
Reverse current
IR
VR =40V
5
A
Total capacitance
Ct
VR = 0, f = 1.0 MHz
18
25
pF
V
Forward voltage
Marking
Marking
A9
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m b o l
R a tin g
U n it
M a xim u m (peak) rev erse v o ltage
V RM
45
V
R e v e rs e v oltage
V R
40
V
M a xim u m (peak) forw a rd current
IFM
300
m A
A v erage fo rw ard C urrent
IO
100
m A
P o w e r d issipatio n
P
100
m W
Junction T e m perature
T j
125
S torage T e m perature range
T stg
-5 5to+ 1 2 5
(*) U nit rating.T o ta l ratin g = U n it ra ting
1.5
Features
Low forward voltage:VF(3) =0.54V(Typ)
Low reverse current:trr =5
A(Typ)


Similar Part No. - 1SS322

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS322 TOSHIBA-1SS322 Datasheet
112Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
07-May-1997
1SS322 TOSHIBA-1SS322 Datasheet
176Kb / 3P
Low Voltage High Speed Switching
1SS322 TOSHIBA-1SS322_07 Datasheet
176Kb / 3P
Low Voltage High Speed Switching
More results

Similar Description - 1SS322

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS294 TOSHIBA-1SS294_07 Datasheet
197Kb / 3P
Low Voltage High Speed Switching
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
1SS383 TOSHIBA-1SS383_07 Datasheet
172Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS294 KEXIN-1SS294 Datasheet
34Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS357 KEXIN-1SS357 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS393 KEXIN-1SS393 Datasheet
44Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS294T5LFT TOSHIBA-1SS294T5LFT Datasheet
191Kb / 3P
Low Voltage High Speed Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com