Electronic Components Datasheet Search
  English  ▼

X  

BAS70-07 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS70-07
Description  Schottky Barrier (Double) Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS70-07 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS70-07 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
Features
Low forward voltage
High breakdown voltage
Guard ring protected
Small plastic SMD package
Low diode capacitance.
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Condition
Min
Max
Unit
IF = 1 mA
410
mV
IF = 10 mA
750
mV
IF =15mA
1
V
VR = 50 V;note 1
100
nA
VR = 70 V;note 1
10
A
charge carrier life time (Krakauer method)
ô
IF = 5 mA
100
ps
diode capacitance
Cd
f= 1 MHz;VR =0
2
pF
Note
1. Pulse test: tp = 300 ms; ä = 0.02.
forward voltage
reverse current
VF
IR
Marking
Marking
77
Schottky Barrier (Double) Diodes
BAS70-07
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Test Condition
MIN
MAX
Unit
continuous reverse voltage
VR
70
V
continuous forward current
IF
70
mA
repetitive peak forward current
IFRM
tp
1s;ä
0.5
70
mA
non-repetitive peak forward current
IFSM
tp < 10 ms
100
A
storage temperature
Tstg
-65
+150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65
+150
thermal resistance from junction to ambient
Rth j-a
500
K/W


Similar Part No. - BAS70-07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
STMicroelectronics
BAS70-07 STMICROELECTRONICS-BAS70-07 Datasheet
53Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Infineon Technologies A...
BAS70-07 INFINEON-BAS70-07 Datasheet
553Kb / 12P
Silicon Schottky Diode
Feb-03-2003
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Guangdong Kexin Industr...
BAS70-07 KEXIN-BAS70-07 Datasheet
37Kb / 1P
Schottky barrier (double) diodes
More results

Similar Description - BAS70-07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Sep 20
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
Schottky barrier double diodes
1999 May 06
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
Schottky barrier double diodes
1999 Aug 05
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
Schottky barrier double diodes
2003 Aug 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
Schottky barrier double diodes
1999 Sep 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com