Electronic Components Datasheet Search
  English  ▼

X  

1SS372 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS372
Description  HIGH SPEED SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS372 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS372 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
Silicon Epitaxial Schottky Barrier Type
1SS372
Features
Small package
Low forward voltage : VF = 0.23V (typ.) @ IF=5mA
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IF = 1mA
0.18
IF = 5mA
0.23
0.30
IF = 100mA
0.35
0.50
Reverse current
IR
VR = 10V
20
ìA
Total capacitance
CT
VR = 0, f = 1MHz
20
40
pF
V
Forward voltage
VF
Marking
Marking
N9
1 ANODE
2 CATHODE
3 CATHODE/ANOD
www.kexin.com.cn
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Maximum (Peak) reverse voltage
VRM
15
V
Reverse voltage
VR
10
V
Average forward current
IO
100 *
mA
Maximum (Peak) forward current
IFM
200 *
mA
Surge current (10ms)
IFSM
1*
A
Power dissipation
P
100
mW
Junction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Operating Temperature Range
Topr
-40 to 100
*Unit Rating .Total Rating= Unit RatingX0.7


Similar Part No. - 1SS372

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS372 TOSHIBA-1SS372 Datasheet
121Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATION)
logo
Galaxy Semi-Conductor H...
1SS372 BILIN-1SS372 Datasheet
111Kb / 2P
Schottky Barrier Diode
Rev.A
logo
Shenzhen Jin Yu Semicon...
1SS372 HTSEMI-1SS372 Datasheet
241Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shenzhen Luguang Electr...
1SS372 LUGUANG-1SS372 Datasheet
247Kb / 1P
Schottky Barrier Diodes
logo
Jiangsu Changjiang Elec...
1SS372 JIANGSU-1SS372 Datasheet
741Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS372

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com