Electronic Components Datasheet Search
  English  ▼

X  

RB461F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # RB461F
Description  Schottky barrier diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

RB461F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  RB461F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky barrier diode
RB461F
Features
Small surface mounting type. (UMD3)
Ultra low VF.(VF=0.45V Typ. at 0.7A)
IF=0.7A guaranteed despite the size.
A b s o lu te M a x im u m R atings T a = 2 5
P a ra m e te r
S y m bol
Lim its
U n it
P eak re v e rs e v oltage
V RM
25
V
D C re v e rs e v oltage
V R
20
V
D C fo rw ard c urrent
IF
0.7
A
P eak fo rw ard s urge current *
IFSM
3A
Junction te m perature
T j
125
S torage te m perature
T stg
-4 0to+ 1 2 5
* 60H z for 1
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
C onditions
M in
T y p
M a x
U nit
F o rw ard v oltage
V F
IF = 700 m A
0.49
V
R e v e rs e c u rre n t
IR
V R = 2 0 V
200
A
Marking
Marking
3B


Similar Part No. - RB461F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB461F ROHM-RB461F Datasheet
58Kb / 2P
Schottky barrier diode
RB461F ROHM-RB461F Datasheet
201Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB461F TEL-RB461F Datasheet
62Kb / 1P
SCHOTTKY DIODE
logo
Galaxy Semi-Conductor H...
RB461F BILIN-RB461F Datasheet
110Kb / 2P
Schottky Barrier Diode
logo
Rohm
RB461F ROHM-RB461F Datasheet
186Kb / 4P
Schottky barrier diode
More results

Similar Description - RB461F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com