Electronic Components Datasheet Search
  English  ▼

X  

BUV47 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BUV47
Description  POWER TRANSISTORS(9A,400V,90W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BUV47 Datasheet(HTML) 1 Page - Mospec Semiconductor

  BUV47 Datasheet HTML 1Page - Mospec Semiconductor BUV47 Datasheet HTML 2Page - Mospec Semiconductor BUV47 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BUV47

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BUV47 POINN-BUV47 Datasheet
192Kb / 8P
NPN SILICON POWER TRANSISTORS
logo
Advanced Analogic Techn...
BUV47 ANALOGICTECH-BUV47 Datasheet
74Kb / 1P
POWER TRANSISTORS
logo
Bourns Electronic Solut...
BUV47 BOURNS-BUV47 Datasheet
176Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BUV47 SAVANTIC-BUV47 Datasheet
137Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUV47 ISC-BUV47 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV47

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6315 MOSPEC-2N6315 Datasheet
165Kb / 4P
POWER TRANSISTORS(7.0A,90W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
POWER TRANSISTORS(7.0A,400V,50W)
2SC3306 MOSPEC-2SC3306 Datasheet
162Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
POWER TRANSISTORS(15A,400V,100W)
MJE13007A MOSPEC-MJE13007A Datasheet
180Kb / 4P
POWER TRANSISTORS(8A,400V,80W)
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Unisonic Technologies
9N40 UTC-9N40 Datasheet
158Kb / 4P
9A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com