Electronic Components Datasheet Search
  English  ▼

X  

TC96C55 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC96C55
Description  3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC96C55 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC96C55 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4-164
TELCOM SEMICONDUCTOR, INC.
TC96C555
3A OUTPUT PROGRAMMABLE
POWER OSCILLATOR
TYPICAL CHARACTERISTICS (Cont.)
IDD vs. Temperature
VDD = 5V, 10V, 15V
Temperature (
°C)
VIN = 3V
2500
–55 –35
5
25
45
65
85
105 125
–15
2000
1500
1000
500
0
46
8
10
12
14
16
18
VREF vs. Supply Voltage
Temp at 25
°C, – 55°C, 125°C
Supply Voltage
4.2
25
°C
-55
°C
125
°C
46
8
10
12
14
16
18
ROUT vs. Supply Voltage
Output LOW
Supply Voltage
7
0
4
3
2
5
6
VIN = 3V
–55
°C
25
°C
125
°C
5V
10V
15V
IDD vs. Temperature
VDD = 5V, 10V, 15V
Temperature (
°C)
VIN = 0V
2000
–55 –35
5
25
45
65
85
105 125
–15
1500
1000
500
0
5V
10V
15V
VREF vs. Temperature
VDD = 5V, 10V, 18V
Temperature (
°C)
4.1
–55 –35
5
25
45
65
85
105 125
–15
4.0
3.9
3.8
3.7
10V
18V
5V
1
4.1
4.0
3.9
3.8
3.7
46
8
10
12
14
16
18
ROUT vs. Supply Voltage
Output HIGH
Supply Voltage
10
0
VIN = 0V
–55
°C
25
°C
125
°C
2
4
6
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com