Electronic Components Datasheet Search
  English  ▼

X  

2SD1611 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1611
Description  Silicon NPN Triple Diffusion Planar Type Darlington
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1611 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1611 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1611 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Emitter-base voltage (Collector open)
VEBO
IE =0.1 A, IC =0
5
V
Collector-emitter sustaining voltage*
VCEO(SUS)
IC = 2 A, L = 10 mH
400
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 350 V, IE = 0
100
ìA
Forward current transfer ratio
hFE
VCE =2V, IC = 2 A
500
Collector-emitter saturation voltage
VCE(sat)
IC =3A, IB =0.06A
1.5
V
Base-emitter saturation voltage
VBE(sat)
IC =3A, IB =0.06A
2.5
V
Transition frequency
fT
VCE =10V, IC = 1 A,f= 1 MHz
15
MHz
*. VCEO(SUS) Test circuit
2SD1611



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com