Electronic Components Datasheet Search
  English  ▼

X  

MJD50 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MJD50
Description  NPN Epitaxial Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MJD50 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MJD50 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
NPN Epitaxial Silicon Transistor
MJD47;MJD50
Features
Load Formed for Surface Mount Application
Straight Lead
Absolute Maximum Ratings Ta = 25
unless otherwise noted
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
MJD47
350
V
MJD50
500
V
Collector-Emitter Voltage
MJD47
250
V
MJD50
400
V
Emitter-Base Voltage
VEBO
5V
Collector Current (DC)
IC
1A
Collector Current (Pulse)
ICP
2A
Base Current
IB
0.6
A
Collector Dissipation (TC=25
)
15
W
Collector Dissipation (Ta=25
)
1.56
W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-65to150
PC
VCBO
VCEO
Electrical Characteristics Ta = 25
unless otherwise noted
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Emitter Sustaining Voltage * MJD47
250
V
MJD50
400
V
Collector Cut-off Current
MJD47
VCE = 150V, IB =0
0.2
mA
MJD50
VCE = 300V, IB =0
0.2
mA
Collector Cut-off Current
MJD47
VCE = 350, VEB =0
0.1
mA
MJD50
VCE = 500, VEB =0
0.1
mA
Emitter Cut-off Current
IEBO
VBE =5V, IC =0
1
mA
VCE = 10V, IC = 0.3A
30
150
VCE = 10V, IC =1A
10
Collector-Emitter Saturation Voltage *
VCE(sat)
IC =1A, IB =0.2A
1
V
Base-Emitter Saturation Voltage *
VBE(sat)
VCE = 10A, IC =1A
1.5
V
Current Gain Bandwidth Product
fT
VCE =10V, IC =0.2A
10
MHz
*Pulse Test: PW
300ìs, Duty Cycle
2%
IC = 30mA, IB =0
DC Current Gain *
VCEO(sus)
ICEO
ICES
hFE


Similar Part No. - MJD50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD50 MOTOROLA-MJD50 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
logo
ON Semiconductor
MJD50 ONSEMI-MJD50 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS
1995 REV 1
logo
STMicroelectronics
MJD50 STMICROELECTRONICS-MJD50 Datasheet
87Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2000
logo
Fairchild Semiconductor
MJD50 FAIRCHILD-MJD50 Datasheet
44Kb / 4P
High Voltage and High Reliability D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD50 ONSEMI-MJD50 Datasheet
115Kb / 5P
High Voltage Power Transistors
January, 2011 ??Rev. 10
More results

Similar Description - MJD50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com