Electronic Components Datasheet Search
  English  ▼

X  

2SC4602 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4602
Description  NPN Triple Diffused Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4602 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4602 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4602 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit:mm
1,Base
2,Collector
3,Emitter
NPN Triple Diffused Planar Silicon Transistor
2SC4602
Features
Surface mount type device making the following possible.
Reduction in the number of manufacturing processes
for 2SC4602-applied equipment.
High density surface mount applications.
Small size of 2SC4602-applied equipment.
High breakdown voltage, high reliability.
Fast switching speed.
Wide ASO.
Adoption of MBIT process.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
1100
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
7V
Collector current ( DC)
IC
3
Collector current (Pulse) *
ICP
10
Base current
IB
1.5
A
Collector power dissipation
Ta = 25
1.65
TC =25
50
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
*PW
300ms, duty cycle
10%
PC
A
W


Similar Part No. - 2SC4602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4602 SANYO-2SC4602 Datasheet
98Kb / 4P
Switching Regulator Applications
More results

Similar Description - 2SC4602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com