Electronic Components Datasheet Search
  English  ▼

X  

TC9401CPD Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC9401CPD
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9401CPD Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC9401CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 12Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3-295
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
V
+
= 8V TO 15V (FIXED)
14
8
10k
Ω
10k
Ω
fOUT
fOUT/2
10
14
9
100 k
Ω
0V–10V
IIN
180
pF
820
pF
3
5
12
11
7
0.01
µF
2
k
Ω
8.2
k
Ω
6
2
V2
R2
0.9
R1
0.2
R1
RIN
1M
Ω
IIN
VREF
TC9400
OFFSET
ADJUST
GAIN
ADJUST
V
+
10V
12V
15V
1 M
Ω
1.4 M
Ω
2 M
Ω
R1
R2
10k
Ω
14k
Ω
20k
Ω
fOUT = IIN ×
1
(V2–V7) (CREF)
(VIN–V2)
(V
+
–V2)
+
IIN=
RIN
(0.9 R1+0.2 R1)
5V
0.01
µF
VIN
Figure 4 . Fixed Voltage — Single Supply Operation
Figure 5.
Voltage to Frequency
R1
910k
R4
100k
1
µF
D2
5.1VZ
R2
910k
R5
91k
Rp
OFFSET
20k
100k
D1
5.1VZ
0.1
µ
100k
CREF
CINT
1.2k*
+12 to +15V
10k
10k
OUTPUT
FREQUENCY
DIGITAL
GROUND
ANALOG GROUND
INPUT
VOLTAGE
(0 to 10V)
R3
GAIN
TC9400
11
12
5
3
2
6
7
1
4
14
9
10
8
THRESHOLD
DETECT
AMP OUT
CREF
IIN
ZERO
ADJUST
GND
VREF
IBIAS
OUTPUT
COMMON
fOUT/2
fOUT
VDD
VSS
COMPONENT SELECTION
F/S FREQ.
1 kHz
10 kHz
100 kHz
CREF
2200pF
180pF
27pF
CINT
4700pF
470pF
75pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com