Electronic Components Datasheet Search
  English  ▼

X  

TCN75 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TCN75
Description  2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCN75 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TCN75 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 7Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 8Page - TelCom Semiconductor, Inc TCN75 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
TCN75
PRELIMINARY INFORMATION
2-WIRE SERIAL TEMPERATURE
SENSOR AND THERMAL MONITOR
TCN75-04 6/16/97
SERIAL PORT TIMING (Cont.): 2.7V
≤ VDD ≤ 5.5V; – 55°C ≤ (TA = TJ ) ≤ 125°C, CL = 80pf, unless otherwise
noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tH(START)
Start Condition Hold Time
1250
—
—
nsec
tDSU
Data in Setup Time to SCL High
100
—
—
nsec
tDH
Data in Hold Time after SCL Low
0
—
—
nsec
tSU(STOP)
Stop Condition Setup Time
1250
—
—
nsec
tIDLE
Bus Free Time Prior to New
1250
—
—
nsec
Transition
NOTES: 1. Output current should be minimized for best temperature accuracy. Power dissipation within the TCN75 will cause self-heating and
temperature drift. At maximum rated output current and saturation voltage, 4mA and 0.8V, respectively, the error amounts to 0.352
°C for the
PDIP, and 0.544
°C for the SOIC.
2. All part types of the TCN75 will operate properly over the wider power supply range of 2.7V to 5.5V. Each part type is tested and specified
for rated accuracy at its nominal supply voltage. As VDD varies from the nominal value, accuracy will degrade 1°C/V of VDD change.
3. Human body model, 100pF discharged through a 1.5k resistor, machine model, 200pF discharged directly into each pin.
PIN DESCRIPTION
Pin Number
Symbol
Description
1
SDA
Bidirectional Serial Data.
2
SCL
Serial Data Clock Input.
3
INT/CMPTR
Interrupt or Comparator Output.
4
GND
System Ground.
5A2
Address Select Pin (MSB).
6A1
Address Select Pin.
7A0
Address Select Pin (LSB).
8VDD
Power Supply Input.
DETAILED DESCRIPTION
A typical TCN75 hardware connection is shown in
Figure 1.
Serial Data (SDA)
Bidirectional. Serial data is transferred in both directions
using this pin.
Serial Clock (SCL)
Input. Clocks data into and out of the TCN75.
INT/CMPTR
Open Collector, Programmable Polarity. In Comparator
Mode, unconditionally driven active any time temperature
exceeds the value programmed into the TSET register. INT/
CMPTR will become inactive when temperature subse-
quently falls below the THYST setting. (See Register Set and
Programmer's Model.) In Interrupt Mode, INT/CMPTR is
also made active by TEMP exceeding TSET; it is uncondition-
ally reset to its inactive state by reading any register via the
2-wire bus. If and when temperature falls below THYST, INT/
CMPTR is again driven active. Reading any register will
clear the THYST interrupt. In Interrupt Mode, the INT/CMPTR
output is unconditionally reset upon entering Shutdown
Mode. If programmed as an active-low output, it can be
wire-ORed with any number of other open collector devices.
Most systems will require a pull-up resistor for this configu-
ration.
Note that current sourced from the pull-up resistor
causes power dissipation and may cause internal heating of
the TCN75. To avoid affecting the accuracy of ambient
temperature readings, the pull-up resistor should be made
as large as possible. INT/CMPTR's output polarity may be
programmed by writing to the INT/CMPTR POLARITY bit in
the CONFIG register. The default is active low.
Address (A2, A1, A0)
Inputs. Sets the three least significant bits of the TCN75
8-bit address. A match between the TCN75's address and
the address specified in the serial bit stream must be made
to initiate communication with the TCN75. Many protocol-
compatible devices with other addresses may share the
same 2-wire bus.
Slave Address
The four most significant bits of the Address Byte (A6,
A5, A4, A3) are fixed to 1001[B]. The states of A2, A1 and



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com