Electronic Components Datasheet Search
  English  ▼

X  

CNY21 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # CNY21
Description  Optocoupler with Phototransistor Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY21 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  CNY21 Datasheet HTML 1Page - TEMIC Semiconductors CNY21 Datasheet HTML 2Page - TEMIC Semiconductors CNY21 Datasheet HTML 3Page - TEMIC Semiconductors CNY21 Datasheet HTML 4Page - TEMIC Semiconductors CNY21 Datasheet HTML 5Page - TEMIC Semiconductors CNY21 Datasheet HTML 6Page - TEMIC Semiconductors CNY21 Datasheet HTML 7Page - TEMIC Semiconductors CNY21 Datasheet HTML 8Page - TEMIC Semiconductors CNY21 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CNY21N
TELEFUNKEN Semiconductors
Rev. A1, 11-Jun-96
4 (10)
Electrical Characteristics
Tamb = 25°C
Input (Emitter)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Breakdown voltage
IR = 100
mA
V(BR)
5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter
breakdown voltage
IC = 1 mA
V(BR)CEO
32
V
Emitter collector
breakdown voltage
IE = 100
mA
V(BR)ECO
5
V
Collector emitter
cut-off current
VCE = 20 V, If = 0
ICEO
200
nA
Coupler
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
AC isolation test voltage
(RMS)
f = 50 Hz, t = 1 s
VIO
8.2
kV
Collector emitter
saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 5 mA,
RL = 100
W
fc
170
kHZ
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
IC/IF
IF = 10 mA, VCE = 5 V
CTR
0.25
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com