Electronic Components Datasheet Search
  English  ▼

X  

1SV310 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SV310
Description  Silicon Epitaxial Planar Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SV310 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SV310 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Silicon Epitaxial Planar Diode
1SV310
Features
High Capacitance Ratio:C1V/C4V=2.1(Typ.)
Low Series Resistance:rs=0.28
(Typ.)
Absolute Maxim um Ratings Ta = 25
Param eter
Sym bol
Value
Unit
Reverse Voltage
VR
10
V
Junction Tem perature
Tj
125
Storage Tem perature Range
Tstg
-55to+125
Electrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M in
Typ
M ax
U nit
R everse V oltage
V R
IR =1
A
10
V
R everse C urrent
IR
V R =10 V
3
nA
C 1V
f= 1 M H z;V R = 1 V
9.7
11.1
C 4V
f= 1 M H z;V R =4 V
4.45
5.45
C apacitance R atio
C 1V/C 4V
1.8
2.1
S eries R esistance
rs
V R = 1V ,f= 470 M H z
0.28
0.4
C apacitance
pF
Marking
Marking
V1


Similar Part No. - 1SV310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV310 TOSHIBA-1SV310 Datasheet
80Kb / 2P
DIODE (VCO FOR UHF BAND RADIO)
1SV310 TOSHIBA-1SV310 Datasheet
175Kb / 3P
VCO for UHF Band Radio
logo
Zhaoxingwei Electronics...
1SV310 ZHAOXINGWEI-1SV310 Datasheet
43Kb / 1P
Silicon Epitaxial Planar Diode
logo
Toshiba Semiconductor
1SV310 TOSHIBA-1SV310_07 Datasheet
175Kb / 3P
VCO for UHF Band Radio
1SV310 TOSHIBA-1SV310_14 Datasheet
144Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SV310

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com