Electronic Components Datasheet Search
  English  ▼

X  

2SC3547A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3547A
Description  Silicon NPN Epitaxial Planar Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3547A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3547A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial Planar Type
2SC3547A
Features
Transition frequency is high and dependent on current excellently.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
3V
Base current
IB
15
mA
Collector current
IC
30
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =10 V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =1V, IC =0
1.0
ìA
Collector-emitter breakdown voltage
V(BR) CEO IC =1mA, IB =0
12
V
DC current gain
hFE
VCE =10V, IC = 5 mA
35
130
Transition frequency
fT
VCE =10V, IC=10mA
3
4
GHz
Output capacitance
Cob
VCB =10V, IE =0, f =1 MHz
1.05
1.35
pF
Collector-base time constant
Cc rbb’ VCB =10V, IC = 5 mA, f = 30 MHz
4.5
10
ps
Marking
Marking
HI


Similar Part No. - 2SC3547A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3547A TOSHIBA-2SC3547A Datasheet
167Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF OSCILLATOR APPLICATIONS)(COMMON COLLECTOR)
28-Oct-1998
2SC3547A TOSHIBA-2SC3547A Datasheet
514Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications (common collector)
logo
Inchange Semiconductor ...
2SC3547A ISC-2SC3547A Datasheet
175Kb / 4P
High Current-Gain?볿andwidth Product
logo
Toshiba Semiconductor
2SC3547A TOSHIBA-2SC3547A_07 Datasheet
514Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications (common collector)
More results

Similar Description - 2SC3547A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
19-Mar-2003
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com