Electronic Components Datasheet Search
  English  ▼

X  

2SC3585 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3585
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3585 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3585 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxial Transistor
2SC3585
Features
NF 1.8 dB TYP. @f = 2.0 GHz
Ga9dB TYP. @f = 2.0GHz
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
20
V
Collector to emitter voltage
VCEO
10
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
35
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
hFE Classification
Marking
R43
R44
R45
Rank
R43/Q
R44/R
R45/S
hFE
50
100
80
160
125
250
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =10V, IE =0
1.0
ìA
Emitter cutoff current
IEBO
VEB =1V, IC =0
1.0
ìA
DC current gain
hFE*1
VCE =6V, IC =10 mA
50
100
250
Gain Bandwidth Product
fT
VCE =6V, IC =10mA
10
GHz
Feed-Back Capacitance
Cre *2
VCB =10V, IE = 0, f = 1.0 MHz
0.3
0.8
pF
Insertion Power Gain
|S21e|
2
VCE =6V, IC = 10 mA, f = 2.0 GHz
6.0
8.0
dB
Maximum Available Gain
MAG
VCE =6V, IC =10mA, f = 2.0GHz
10
dB
Noise Figure
NF
VCE =6V, IC = 5 mA, f = 2.0 GHz
1.8
3.0
dB
*2.The emitter terminal and the case shall be connected to the gurad terminal of the three-terminal capacitance bridge.
*1. Pulse Measurement PW
350ìs, Duty Cycle
2%


Similar Part No. - 2SC3585

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
California Eastern Labs
2SC3585 CEL-2SC3585 Datasheet
1Mb / 5P
MICROWAVE LOW NOISE AMPLIFIER
logo
Inchange Semiconductor ...
2SC3585 ISC-2SC3585 Datasheet
308Kb / 6P
Low Noise and High Gain
logo
NEC
2SC3585-T1B NEC-2SC3585-T1B Datasheet
103Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
More results

Similar Description - 2SC3585

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com