Electronic Components Datasheet Search
  English  ▼

X  

KI1302DL Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI1302DL
Description  N-Channel 30-V (D-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI1302DL Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI1302DL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI1302DL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate threshold voltage
VGS(th)
VDS =VGS,ID =250
A
1V
Gate-body leakage
IGSS
VDS =0V, VGS =
20 V
100
nA
VDS =24V, VGS =0V
1
VDS =24 V, VGS =0V, TJ =70
5
On-state drain current
ID(on)
VDS =5 V, VGS =10V
1.5
A
VGS =10V, ID = 0.6 A
0.410 0.480
VGS =4.5V, ID = 0.2 A
0.600 0.700
Forward transconductance
gfs
VDS =15V, ID = 0.6 A
0.75
S
Diode forward voltage
VSD
IS =0.23A, VGS =0V
0.8
1.2
V
Total gate charge *
Qg
0.86
1.4
Gate-source charge *
Qgs
0.24
Gate-drain charge *
Qgd
0.08
td(on)
510
tr
815
td(off)
815
tf
715
Source-Drain Reverse Recovery Time
trr
IF =0.23A, di/dt =100 A/
s
15
30
* Pulse test: PW
300 ìs duty cycle
2%.
A
Drain-source on-state resistance
rDS(on)
ns
VDS =15V ,VGS =10V , ID=0.6A
VDD =15V , RL =30
,
ID =0.5A , VGEN =10V , RG =6
nC
Turn-off time
Turn-on time
Zero gate voltage drain current
IDSS
Marking
Marking
KA
KI1302DL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com