Electronic Components Datasheet Search
  English  ▼

X  

1SS401 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS401
Description  HIGH SPEED SWITCHING APPLICATIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS401 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS401 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
HIGH SPEED SWITCHING APPLICATIONS
1SS401
Features
Low forward voltage:VF(3) =0.38V(Typ)
Low reverse current:IR =50
A
Small total capacitance:CT = 46 pF(Typ)
Absolute Maxim um Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
25
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
700
mA
Average forward current
IO
300
mA
Power dissipation
P
100
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55to+125
(*) Unit rating.Total rating = Unit rating
0.7
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.16
VF(2)
IF =10mA
0.22
VF(3)
IF = 300 mA
0.38
0.45
Reverse Current
IR
VR =20V
50
A
Total capacitance
CT
VR = 0, f = 1.0 MHz
46
pF
V
Forward voltage
Marking
Marking
D9


Similar Part No. - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS401 TOSHIBA-1SS401 Datasheet
107Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
1SS401 TOSHIBA-1SS401 Datasheet
173Kb / 3P
High Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS401 BILIN-1SS401 Datasheet
111Kb / 2P
Schottky Barrier Diode
Rev.A
logo
Shenzhen Jin Yu Semicon...
1SS401 HTSEMI-1SS401 Datasheet
299Kb / 2P
Schottoky DIODES
logo
Shenzhen Luguang Electr...
1SS401 LUGUANG-1SS401 Datasheet
257Kb / 2P
Schottoky Diode
More results

Similar Description - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
18-Dec-2001
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com