Electronic Components Datasheet Search
  English  ▼

X  

KTHC5513 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTHC5513
Description  Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTHC5513 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTHC5513 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTHC5513 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTHC5513 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
Power MOSFET
KTHC5513
Features
Complementary N-Channel and P-Channel MOSFET
Leadless SMD Package Featuring Complementary Pair
Low RDS(on) in a ChipFET Package for High Efficiency Performance
Low Profile (
1.10 mm) Allows Placement in Extremely Thin
Environments Such as Portable Electronics
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-source voltage
VDSS
V
Gate-source voltage
VGSS
V
Drain current Continuous *1 TA =25
2.9
-2.2
TA =85
2.1
-1.6
t
5
3.9
-3
Drain current Pulsed t = 10
s*1
IDM
12
-9
A
Total power dissipation
W
t
5
W
Operating and Storage Temperature Range
TJ,Tstg
Lead Temperature for Soldering Purposes
TL
Junction-to-Ambient *1
Steady State
t
5
*1 Surface Mounted on FR4 board using 1 in sq pad size
/W
1.1
20
12
-55to150
A
ID
PD
R JA
2.1
260
110
60


Similar Part No. - KTHC5513

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KTH-1000 WINCHESTER-KTH-1000 Datasheet
36Kb / 1P
HAND CRIMP TOOL
logo
List of Unclassifed Man...
KTH-1000 ETC-KTH-1000 Datasheet
551Kb / 2P
Crimp Tools
March 2009
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
Long Barrel BNC Connectors
KTH-5000 ETC-KTH-5000 Datasheet
551Kb / 2P
Crimp Tools
March 2009
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
More results

Similar Description - KTHC5513

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com