Electronic Components Datasheet Search
  English  ▼

X  

DG200 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG200
Description  Monolithic Dual SPST CMOS Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG200 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG200 Datasheet HTML 1Page - TEMIC Semiconductors DG200 Datasheet HTML 2Page - TEMIC Semiconductors DG200 Datasheet HTML 3Page - TEMIC Semiconductors DG200 Datasheet HTML 4Page - TEMIC Semiconductors DG200 Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DG200A
4
Siliconix
S-52880—Rev. B, 28-Apr-97
Typical Characteristics
Leakage Currents vs. Analog Voltage
rDS(on) vs. VD and Power Supply Voltage
VD – Drain Voltage (V)
VANALOG – Analog Voltage (V)
120
–15
D
C
+6
–15
E
015
100
80
60
40
20
015
0
–6
–12
–18
–24
ID(off) or IS(off)
ID(on)
TA = 25_C
A:
"5 V
B:
"10 V
C:
"12 V
D:
"15 V
E:
"20 V
–12
–6
6
12
9
3
–3
–9
–12
–9
–6
–3
3
6
9
12
B
A
Supply Currents vs. Toggle Frequency
Input Switching Threshold vs. V+ and V– Supply Voltages
V+, V– Positive and Negative Supplies (V)
Toggle Frequency (Hz)
6
2.5
0
2.0
1.5
1.0
0.5
0
5
4
3
2
1
0
"5
"10
"15
"20
I+
I–
V+ = 15 V
V– = –15 V
Both logic inputs
toggled simutaneously
1 k
10 k
100 k
1 M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com