Electronic Components Datasheet Search
  English  ▼

X  

KPA2790GR Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KPA2790GR
Description  MOS Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KPA2790GR Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KPA2790GR Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KPA2790GR Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
VDS =30V, VGS =0V
N-Ch
10
VDS =-30 V, VGS =0V
P-Ch
-10
VGS =
16 V, VDS =0V
N-Ch
10
VGS =
16 V, VDS =0V
P- Ch
10
VDS =10V, ID = 1 mA
N-Ch
1.5
2.5
VDS =-10 V, ID = -1 mA
P- Ch
-1.0
-2.5
VDS =10V, ID =3A
N-Ch
2
VDS =-10 V, ID =-3A
P- Ch
2
RDS(on)1
VGS =10V, ID =3A
21
28
m
RDS(on)2
VGS =4.5 V, ID =3A
28
40
m
RDS(on)3
VGS =4.0 V, ID =3A
34
53
m
RDS(on)1
VGS =-10 V, ID =-3A
43
60
m
RDS(on)2
VGS =-4.5V, ID =-3A
58
80
m
RDS(on)3
VGS =-4.0V, ID = -3 A
65
110
m
N-Channel
N-Ch
500
VDS =10V,VGS = 0 V,f = 1 MHz
P- Ch
460
N-Ch
135
P- Channel
P- Ch
130
VDS =-10 V,VGS = 0 V,f = 1 MHz
N-Ch
77
P- Ch
77
N-Channel
N-Ch
9.2
VDD =15V, ID =3A,VGS =10V
P- Ch
8.5
RG =10
N-Ch
8.8
P- Ch
4.8
P- Channel
N-Ch
28
VDD =-15 V, ID =-3A,VGS =-10 V
P- Ch
42
RG =10
N-Ch
7.4
P- Ch
19
N-Channel
N-Ch
12.6
ID =6A,VDD =24V,VGS =10V
P- Ch
11
N-Ch
1.7
P- Channel
P- Ch
1.7
ID =-6A,VDD =-24 V,VGS =-10 V
N-Ch
3.8
P- Ch
3.3
IF =6A, VGS =0V
N-Ch
0.85
IF =6A, VGS =0V
P-Ch
0.92
N-Ch
18
P- Ch
21
N-Ch
11
P- Ch
12
pF
pF
Testconditons
pF
ns
V
nC
nC
nC
ns
ns
ns
ns
A
A
V
S
Qrr
Reverse Recovery Charge
IF =6A, VGS =0V,di/dt =100 A/
s
nC
VF(S-D)
Body Diode Forward Voltage Note
trr
Reverse Recovery Time
QGS
Gate to Source Charge
QGD
Gate to Drain Charge
tf
QG
Fall Time
Total Gate Charge
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Crss
td(on)
tr
td(off)
IDSS
Zero Gate Voltage Drain Current
Ciss
Coss
Input Capacitance
Output Capacitance
N-Ch
P- Ch
IGSS
Gate Leakage Current
VGS(off)
Gate Cut-off Voltage
|yfs |
Forward Transfer Admittance
Drain to Source On-state Resistance
KPA2790GR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com