Electronic Components Datasheet Search
  English  ▼

X  

2SC3357 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3357
Description  NPN Silicon RF Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3357 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3357 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
Transistors
SMD Type
NPN Silicon RF Transistor
2SC3357
Features
Low Noise and High Gain
NF = 1.1 dB TYP., Ga =7.5 dB TYP. @VCE =10V,
IC = 7 mA,f= 1.0 GHz
NF = 1.8 dB TYP., Ga =9.0 dB TYP. @VCE =10V,
IC =40mA, f = 1.0GHz
High power gain : MAG = 10 dB TYP. @ IC =40mA, f = 1GHz
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
3.0
V
Collector current
IC
100
mA
Total power dissipation
PT*1.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Thermal Resistance
Rth(j-a)*
62.5
/W
* mounted on 16 cm
2 X 0.7 mm(t) Ceramic Substrate
hFE Classification
Marking
RH
RF
RE
Rank
RH
RF
RE
hFE
20
100
80
160
125
250
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =10V,IE=0
1.0
A
Emitter cutoff current
IEBO
VEB =1.0V,IC=0
1.0
A
DC current gain
hFE *1
VCE =10V,Ic=20mA
50
120
250
Insertion Power Gain
|S21e|
2
VCE =10V, IC =20mA, f = 1.0GHz
9
dB
VCE =10V, IC = 7 mA, f = 1.0 GHz
1.1
dB
VCE =10V, IC = 40 mA, f = 1.0 GHz
1.8
3.0
dB
Output Capacitance
Cob
VCB =10V, IE = 0, f = 1.0 MHz
0.65
1.0
pF
Transition frequency
fT
VCE = 10V ,Ic=20mA
6.5
GHz
*1 Pulse Measurement PW
350 ms, Duty Cycle
2%
*2 The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitnace bridge.
NF
Noise Figure


Similar Part No. - 2SC3357

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3357 NEC-2SC3357 Datasheet
77Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
logo
Foshan Blue Rocket Elec...
2SC3357 FOSHAN-2SC3357 Datasheet
748Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
2SC3357 YFWDIODE-2SC3357 Datasheet
665Kb / 4P
NPN Transistors
logo
SHIKUES Electronics
2SC3357 SKTECHNOLGY-2SC3357 Datasheet
575Kb / 3P
NPN SILICON RF TRANSISTOR
More results

Similar Description - 2SC3357

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com