Electronic Components Datasheet Search
  English  ▼

X  

KX8530-252RN Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX8530-252RN
Description  PFM Step-up DC/DC Converter With High Efficiency And Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX8530-252RN Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KX8530-252RN Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD Type
IC
www.kexin.com.cn
1
PFM Step-up DC/DC Converter With
High Efficiency And Low Noise
KX8530
Outline
The KX8530 series are CMOS-based PFM step-up
DC-DC Converter. The converter can start up by
supply voltage as low as 0.8V, and capable of
delivering maximum 200mA output current at 3.3V
output with 1.8V input Voltage. Quiescent current
drawn from power source is as low as 7uA. All of
these features make KX8530 series be suitable for
the portable devices, which are supplied by a single
battery to four-cell batteries.
To reduce the noise caused by the switch
regulator, KX8530 is well considerated in circuit
design and manufacture. So that the interferer to
other circuits by the device is reduced greatly.
KX8530 integrates stable reference circuits and
trimming technology, so it can afford high precision
and low temperature-drift coefficient of the output
voltage.
KX8530 is available in SOT-89
SOT-23 and
SOT-153 packages which is PB free. And in 5-pin
packages, such as SOT-153, the device can be
switch on or off easily by CE pin, to minimize the
standby supply current.
Features
Deliver 200mA at 3.3V Output voltage with 1.8V
input Voltage
Low start-up voltage (when the output current is
1mA)----------------------------------------------0.8V
The converter output voltage can be adjusted
from 2.5V
6.0V(In 0.1V step).
Output voltage accuracy ----------------------±2%
Low temperature-drift coefficient of the output
voltage-----------------------------------±100ppm/
Only three external components are necessary:
An inductor, a Schottky diode and an output filter
capacitor
High power conversion efficiency-------------85%
Low quiescent current drawn from power
source-----------------------------------------
7ìA
Applications
Powersource forPDA
DSC
MP3
Player
electronic toy and wireless mouse
Power source for a single or dual-cell
battery-powered equipments
Powersource forLED
PIN Configuration


Similar Part No. - KX8530-252RN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX8N60C KEXIN-KX8N60C Datasheet
2Mb / 4P
N-Channel MOSFET
KX8N60CF KEXIN-KX8N60CF Datasheet
3Mb / 4P
N-Channel MOSFET
KX8N60F KEXIN-KX8N60F Datasheet
2Mb / 4P
N-Channel MOSFET
More results

Similar Description - KX8530-252RN

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com