Electronic Components Datasheet Search
  English  ▼

X  

LT3013B Datasheet(PDF) 5 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 5 Page - Linear Technology

  LT3013B Datasheet HTML 1Page - Linear Technology LT3013B Datasheet HTML 2Page - Linear Technology LT3013B Datasheet HTML 3Page - Linear Technology LT3013B Datasheet HTML 4Page - Linear Technology LT3013B Datasheet HTML 5Page - Linear Technology LT3013B Datasheet HTML 6Page - Linear Technology LT3013B Datasheet HTML 7Page - Linear Technology LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
3013bfa
LT3013B
TEMPERATURE (
°C)
–50
45
25
3013 G13
25
20
–25
0
50
5
10
15
0
50
40
35
30
75
100
125
TEMPERATURE (
°C)
–50
94
25
3013 G25
90
89
–25
0
50
86
87
88
85
95
93
92
91
75
100
125
OUTPUT RISING
OUTPUT FALLING
TEMPERATURE (
°C)
–50
180
25
3013 G26
100
80
–25
0
50
20
40
60
0
200
160
140
120
75
100
125
IPWRGD = 50µA
INPUT VOLTAGE (V)
0
0.6
0.8
1.0
3013 G14
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
20
10
40
30
60
70
50
80
TJ = 25°C
TJ = 125°C
VOUT = 0V
TYPICAL PERFOR A CE CHARACTERISTICS
ADJ Pin Bias Current
Current Limit
PWRGD Output Low Voltage
PWRGD Trip Point
CT Comparator Thresholds
CT Charging Current
TEMPERATURE (
°C)
–50
3.5
25
3013 G27
1.5
1.0
–25
0
50
0.5
0
4.0
3.0
2.5
2.0
75
100
125
PWRGD TRIPPED HIGH
TEMPERATURE (
°C)
–50
1.8
25
3013 G28
1.0
0.8
–25
0
50
0.2
0.4
0.6
0
2.0
1.6
1.4
1.2
75
100
125
VCT (LOW)
VCT (HIGH)
OUTPUT VOLTAGE (V)
0
120
160
200
8
3013 G16
80
40
100
140
180
60
20
0
2
1
4
3
67
9
5
10
TJ = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
ADJ
PIN CLAMP
(SEE APPLICATIONS
INFORMATION)
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
0.7
0
50
75
3013 G15
0.2
0.6
–25
25
100
125
VIN = 7V
VOUT = 0V
TEMPERATURE (
°C)
–50
25
3013 G17
20
10
–25
0
50
5
0
35
30
25
15
75
100
125
VIN = 0V
VOUT = VADJ = 1.24V
Reverse Output Current
Current Limit
Reverse Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com